データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2562FD-H/P データシート(PDF) 2 Page - Microchip Technology

部品番号 MCP2562FD-H/P
部品情報  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562FD-H/P データシート(HTML) 2 Page - Microchip Technology

  MCP2562FD-H/P Datasheet HTML 1Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 2Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 3Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 4Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 5Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 6Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 7Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 8Page - Microchip Technology MCP2562FD-H/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP2561/2FD
DS20005284A-page 2
 2014 Microchip Technology Inc.
Block Diagram
Note 1: There is only one receiver implemented. The receiver can operate in Low-Power or High-Speed mode.
2: Only MCP2561FD has the SPLIT pin.
3: Only MCP2562FD has the VIO pin. In MCP2561FD, the supply for the digital I/O is internally connected
to VDD.
VDD
CANH
CANL
TXD
RXD
Driver
and
Slope Control
Thermal
Protection
POR
UVLO
Digital I/O
Supply
VIO(3)
VSS
STBY
Permanent
Dominant Detect
VIO
VIO
Mode
Control
VDD/2
SPLIT(2)
Wake-Up
Filter
CANH
CANL
CANH
CANL
Receiver
LP_RX(1)
HS_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32