| データシートサーチシステム |
|
ATTINY817-MFR. データシート(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. データシート(HTML) 69 Page - Microchip Technology |
|
69 / 492 page ![]() It takes 4 oscillator cycles to open the clock gate after a request but the oscillator analog start-up time will be removed when this bit is set. 10.5.9 32.768kHz Crystal Oscillator Control A The SEL and CSUT bits cannot be changed as long as the ENABLE bit is set or the XOSC32K Stable bit (XOSC32KS) in CLKCTRL.MCLKSTATUS is high. To change settings in a safe way: write a '0' to the ENABLE bit and wait until XOSC32KS is '0' before re- enabling the XOSC32K with new settings. Name: XOSC32KCTRLA Offset: 0x1C Reset: 0x00 Property: Configuration Change Protection Bit 7 6 5 4 3 2 1 0 CSUT[1:0] SEL RUNSTDBY ENABLE Access R R R/W R/W R R/W R/W R/W Reset 0 0 0 0 0 0 0 0 Bits 5:4 – CSUT[1:0]: Crystal Start-Up Time These bits select the start-up time for the XOSC32K. It is write protected when the oscillator is enabled (ENABLE=1). If SEL=1, the start-up time will not be applied. Value Name Description 0x0 1K 1k cycles 0x1 16K 16k cycles 0x2 32K 32k cycles 0x3 64K 64k cycles Bit 2 – SEL: Source Select This bit select the external source type. It is write protected when the oscillator is enabled (ENABLE=1). Value Description 0 External crystal 1 External clock on TOSC1 pin Bit 1 – RUNSTDBY: Run Standby Writing this bit to '1' starts the crystal oscillator and forces the oscillator on in all modes, even when unused by the system if the ENABLE bit is set. In standby sleep mode this can be used to ensure immediate wake-up and not waiting for oscillator start-up time. When this bit is '0', the crystal oscillator is only running when requested and the ENABLE bit is set. The output of XOSC32K is not sent to other peripherals unless it is requested by one or more peripherals. When the RUNSTDBY bit is set there will only be a delay of two to three crystal oscillator cycles after a request until the oscillator output is received, if the initial crystal start-up time already has completed. According to RUNSTBY bit, the oscillator will be turned on all the time if the device is in Active, Idle or Standby sleep mode, or only be enabled when requested. This bit is I/O protected to prevent unintentional enabling of the oscillator. ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 69 |