| データシートサーチシステム |
|
MXT1664T3-CCBESSQTP データシート(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCBESSQTP データシート(HTML) 83 Page - Microchip Technology |
|
83 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 83 14.13 Touch Accuracy and Repeatability 1 14.14 Thermal Packaging 14.14.1 THERMAL DATA 14.14.2 JUNCTION TEMPERATURE The maximum junction temperature allowed on this device is 125 C. The average junction temperature in C (T J) for this device can be obtained from the following: If a cooling device is required, use this equation: where: • JA= package thermal resistance, Junction to ambient (C/W) (see Section 14.14.1 “Thermal Data”) • JC = package thermal resistance, Junction to case thermal resistance (C/W) (see Section 14.14.1 “Thermal Data”) • HEATSINK = cooling device thermal resistance (C/W), provided in the cooling device datasheet •PD = device power consumption (W) •TA is the ambient temperature (C) 14.15 ESD Information Parameter Min Typ Max Units Notes Linearity (touch only; 5.4 mm electrode pitch) – ±1 – mm 8 mm or greater finger Linearity (touch only; 4.2 mm electrode pitch) – ±0.5 – mm 4 mm or greater finger Accuracy –±1– mm Accuracy at edge – ±2 – mm Repeatability – ±0.25 – % X axis with 12-bit resolution Parameter Description Typ Unit Condition Package JA Junction to ambient thermal resistance 42.1 C/W Still air 136-ball UFBGA 7 × 7 × 0.6 mm JC Junction to case thermal resistance 6.2 C/W 136-ball UFBGA 7 × 7 × 0.6 mm JA Junction to ambient thermal resistance 28.2 C/W Still air 162-ball UFBGA 10 × 5 × 0.6 mm JC Junction to case thermal resistance 2.4 C/W 162-ball UFBGA 10 × 5 × 0.6 mm T J T A P D JA + = T J T A P D HEATSINK JC + + = Parameter Value Reference standard Human Body Model (HBM) ±2000 V JEDEC JS–001 Charge Device Model (CDM) ±250 V JEDEC JS–001 |