| データシートサーチシステム |
|
ATXMEGA8E5 データシート(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATXMEGA8E5 データシート(HTML) 62 Page - Microchip Technology |
|
62 / 153 page ![]() 2018 Microchip Technology Inc. Data Sheet Complete DS40002059A-page 62 ATxmega32E5/16E5/8E5 Figure 30-1. Analog Comparator Overview The window function is realized by connecting the external inputs of the two analog comparators in a pair as shown in Fig- ure 30-2. Figure 30-2. Analog Comparator Window Function Voltage Scaler ACnMUXCTRL ACnCTRL Interrupt Mode Enable Enable Hysteresis Hysteresis DAC Bandgap AC1OUT WINCTRL Interrupt Sensititivity Control & Window Function Events Interrupts AC0OUT Pin Input Pin Input Pin Input Pin Input AC0 + - AC1 + - Input signal Upper limit of window Lower limit of window Interrupt sensitivity control Interrupts Events |