| データシートサーチシステム |
|
IS25LP064A-RBLA3 データシート(PDF) 16 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP064A-RBLA3 データシート(HTML) 16 Page - Integrated Silicon Solution, Inc |
|
16 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 16 Rev. A 11/06/2015 Table 6.3 Instructions requiring WREN instruction ahead Instructions must be preceded by the WREN instruction Name Hex Code Operation PP 02h Serial Input Page Program PPQ 32h/38h Quad Input Page Program SER D7h/20h Sector Erase BER32 (32Kb) 52h Block Erase 32K BER64 (64Kb) D8h Block Erase 64K CER C7h/60h Chip Erase WRSR 01h Write Status Register WRFR 42h Write Function Register IRER 64h Erase Information Row IRP 62h Program Information Row BP3, BP2, BP1, BP0 bits: The Block Protection (BP3, BP2, BP1 and BP0) bits are used to define the portion of the memory area to be protected. Refer to Table 6.4 for the Block Write Protection (BP) bit settings. When a defined combination of BP3, BP2, BP1 and BP0 bits are set, the corresponding memory area is protected. Any program or erase operation to that area will be inhibited. Note: A Chip Erase (CER) instruction will be ignored unless all the Block Protection Bits are “0”s. SRWD bit: The Status Register Write Disable (SRWD) bit operates in conjunction with the Write Protection (WP#) signal to provide a Hardware Protection Mode. When the SRWD is set to “0”, the Status Register is not write- protected. When the SRWD is set to “1” and the WP# is pulled low (VIL), the bits of Status Register (SRWD, QE, BP3, BP2, BP1, BP0) become read-only, and a WRSR instruction will be ignored. If the SRWD is set to “1” and WP# is pulled high (VIH), the Status Register can be changed by a WRSR instruction. QE bit: The Quad Enable (QE) is a non-volatile bit in the Status Register that allows quad operation. When the QE bit is set to “0”, the pin WP# and HOLD# are enabled. When the QE bit is set to “1”, the IO2 and IO3 pins are enabled. WARNING: The QE bit must be set to 0 if WP# or HOLD# pin is tied directly to the power supply. |