| データシートサーチシステム |
|
CYUSB3KIT-003 データシート(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB3KIT-003 データシート(HTML) 13 Page - Cypress Semiconductor |
|
13 / 54 page ![]() CYUSB3KIT-003 SuperSpeed Explorer Kit User Guide, Doc. # 001-93186 Rev. *A 13 Software Installation The installation procedure involves extracting these archives and setting environment variables. Refer to the FX3_SDK_Linux_Support.pdf file available in the following extracted folder of the FX3 SDK for Linux installation: fx3_sdk_v1.3_linux\FX3_Firmware\cyfx3sdk\doc. 2.4 SuperSpeed Explorer Kit Installation To install the SuperSpeed Explorer Kit software, follow these steps: 1. Download the latest kit installer from www.cypress.com/go/SuperSpeedExplorerKit. Locate the SuperSpeedExplorerKitSetup.exe file in the Downloads folder and double-click it to run the Installer (Figure 2-3). Figure 2-3. SuperSpeed Explorer Kit Installer Screen 2. Click Next and select the required Installation Type. When installing for the first time, it is best to select the Typical installation type (Figure 2-4). |