| データシートサーチシステム |
|
AM79535 データシート(PDF) 16 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79535 データシート(HTML) 16 Page - Advanced Micro Devices |
|
16 / 20 page ![]() 16 Am7953X Data Sheet TEST CIRCUITS IL2-4 = –20 log (VTX / VAB) A. Two- to Four-Wire Insertion Loss VAB RL 2 RL 2 A(TIP) B(RING) VTX RSN AGND SLIC VAB A(TIP) B(RING) VTX RSN AGND SLIC RL IL4-2 = –20 log (VAB / VRX) BRS = 20 log (VTX / VRX) B. Four- to Two-Wire Insertion Loss and Balance Return Signal RT RT RRX RRX VRX VL VAB A(TIP) B(RING) VTX RSN AGND SLIC VL S2 Open, S1 Closed: L-T Long. Bal. = 20 log (VAB / VL) L-4 Long. Bal. = 20 log (VTX / VL) S2 Closed, S1 Open: 4-L Long. Sig. Gen. = 20 log (VL / VRX) C. Longitudinal Balance RT RRX VRX S2 RL 2 RL 2 S1 VL C Note: ZD is the desired impedance (e.g., the characteristic impedance of the line). RL = –20 log (2 VM / VS) VM A(TIP) B(RING) VTX RSN AGND SLIC RT RRX VS 900 Ω R R ZIN D. Two-Wire Return Loss Test Circuit 1 ωC << RL IDC |