| データシートサーチシステム |
|
AM7953X-2JC データシート(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7953X-2JC データシート(HTML) 9 Page - Advanced Micro Devices |
|
9 / 20 page ![]() SLIC Products 9 ELECTRICAL CHARACTERISTICS (continued) RELAY DRIVER SCHEMATICS Description Test Conditions (See Note 1) Min Typ Max Unit Note Logic Inputs (C4–C1, E0, E1, and CHCLK) Input High voltage 2.0 V Input Low voltage 0.8 Input High current All inputs except E1 Input E1 –75 –75 40 45 µA Input Low current –0.4 mA Logic Output (DET) Output Low voltage IOUT =0.8 mA 0.4 V Output High voltage IOUT = –0.1 mA 2.4 Relay Driver Outputs (RINGOUT, TESTOUT) On voltage 50 mA source BGND – 2 BGND – 0.95 V Off leakage 0.5 100 µA Clamp voltage 50 mA sink QBAT – 2V TESTOUT QBAT BGND Am79534/Am79535 Am79534 16854C-03 RINGOUT QBAT BGND |