| データシートサーチシステム |
|
PIC16F913 データシート(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 データシート(HTML) 48 Page - Microchip Technology |
|
48 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 46 Preliminary © 2005 Microchip Technology Inc. 3.3.3.5 RB4/COM0 Figure 3-10 shows the diagram for this pin. The RB4/COM0 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD FIGURE 3-10: BLOCK DIAGRAM OF RB4/COM0 From other Set RBIF RB<7:4> pins LCDEN COM0 Q D CK Data Latch TRIS Latch RD TRISB RD PORTB Q D CK TTL Input Buffer LCDEN Data Bus WR PORTB WR TRISB P VDD I/O Pin VDD Weak Pull-up LCDEN RBPU(1) Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. D Q EN LCDEN FOSC/4 Q D EN RD PORTB |