| データシートサーチシステム |
|
FT232RL データシート(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT232RL データシート(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 40 page ![]() Copyright © Future Technology Devices International Limited 2 FT232R USB UART IC Datasheet Version 2.16 Document No.: FT_000053 Clearance No.: FTDI# 38 1 Typical Applications USB to RS232/RS422/RS485 Converters Upgrading Legacy Peripherals to USB Cellular and Cordless Phone USB data transfer cables and interfaces Interfacing MCU/PLD/FPGA based designs to USB USB Audio and Low Bandwidth Video data transfer PDA to USB data transfer USB Smart Card Readers USB Instrumentation USB Industrial Control USB MP3 Player Interface USB FLASH Card Reader and Writers Set Top Box PC - USB interface USB Digital Camera Interface USB Hardware Modems USB Wireless Modems USB Bar Code Readers USB Software and Hardware Encryption Dongles 1.1 Driver Support Royalty free VIRTUAL COM PORT (VCP) DRIVERS for... Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows Vista and Vista 64-bit Windows XP and XP 64-bit Windows 98, 98SE, ME, 2000, Server 2003, XP, Server 2008 and server 2012 R2 Windows XP Embedded Windows CE 4.2, 5.0 and 6.0 Mac OS 8/9, OS-X Linux 2.4 and greater Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows Vista and Vista 64-bit Windows XP and XP 64-bit Windows 98, 98SE, ME, 2000, Server 2003, XP, Server 2008 and server 2012 R2 Windows XP Embedded Windows CE 4.2, 5.0 and 6.0 Linux 2.4 and greater Android(J2xx) The drivers listed above are all available to download for free from FTDI website (www.ftdichip.com). Various 3rd party drivers are also available for other operating systems - see FTDI website (www.ftdichip.com) for details. For driver installation, please refer to http://www.ftdichip.com/Documents/InstallGuides.htm |