データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MD1421E28CPAL-R データシート(PDF) 3 Page - Mitsumi Electronics, Corp.

部品番号 MD1421E28CPAL-R
部品情報  1cell Li-ion/Li-polymer battery protection IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUMI [Mitsumi Electronics, Corp.]
ホームページ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MD1421E28CPAL-R データシート(HTML) 3 Page - Mitsumi Electronics, Corp.

  MD1421E28CPAL-R Datasheet HTML 1Page - Mitsumi Electronics, Corp. MD1421E28CPAL-R Datasheet HTML 2Page - Mitsumi Electronics, Corp. MD1421E28CPAL-R Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
1cell Li-ion/Li-polymer battery protection IC MD1421ExxCPAL Series
Application Circuit
Discharge
MOS-FET
Charge
MOS-FET
C2
0.1µF
D
S1
(GND)
C1
0.1µF
Rvcc
330
C3
0.1µF
Ridt
2.7k
VCC
S2
V-
Pack-
Pack+
OSC
Overcharge timer
Overdischarge timer
Overcurrent timer
Drive circuit
Drive circuit
Discharge current
Charge current
detection
Charger voltage
detection
Control
circuit
Overcharge
detection
Overdischarge
detection
Reference
Bias circuit
• The resistors that are inserted into each pin are to protect the IC. They help to remove ESD and latch-up
damages.
• The capacitors help to reduce the effects of transient variations in voltage and electromagnetic waves,
and to improve ESD tolerance of the IC.
Please use either C2 or C3, or both of them by request of your application.
• These values in the above figure are for example. Please choose appropriate values.



Html Pages

1 2 3