| データシートサーチシステム |
|
MD1421E35CPAL-R データシート(PDF) 3 Page - Mitsumi Electronics, Corp. |
|
|
|||||||||||||||||||||||||||||
MD1421E35CPAL-R データシート(HTML) 3 Page - Mitsumi Electronics, Corp. |
|
3 / 3 page ![]() • Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification. • The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications. MITSUMI 1cell Li-ion/Li-polymer battery protection IC MD1421ExxCPAL Series Application Circuit Discharge MOS-FET Charge MOS-FET C2 0.1µF D S1 (GND) C1 0.1µF Rvcc 330 C3 0.1µF Ridt 2.7k VCC S2 V- Pack- Pack+ OSC Overcharge timer Overdischarge timer Overcurrent timer Drive circuit Drive circuit Discharge current Charge current detection Charger voltage detection Control circuit Overcharge detection Overdischarge detection Reference Bias circuit • The resistors that are inserted into each pin are to protect the IC. They help to remove ESD and latch-up damages. • The capacitors help to reduce the effects of transient variations in voltage and electromagnetic waves, and to improve ESD tolerance of the IC. Please use either C2 or C3, or both of them by request of your application. • These values in the above figure are for example. Please choose appropriate values. |