| データシートサーチシステム |
|
EVK-R510S データシート(PDF) 18 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R510S データシート(HTML) 18 Page - u-blox AG |
|
18 / 23 page ![]() EVK-R5 - User guide UBX-19042592 - R05 Appendix Page 18 of 23 C1-Public Command sent by DTE (user) DCE response (module) Description AT+CGDCONT? +CGDCONT: 1,"IPV4V6","default.mnc 321.mcc654.gprs","192.168.20.6 0.0.0.0.0.0.0.0.0.0.0.0.0.0.0.0", 0,0,0,2,0,0,0,0,0,0 OK Read IP type and APN for EPS attach bearer. Context <cid>=1 has IP type "IPV4V6" and APN "default.mnc321.mcc654.gprs". AT+CGCONTRDP=1 +CGCONTRDP: 1,5,"default.mnc321.m cc654.gprs","192.168.20.6.255.255 .255.0","192.168.20.1","185.215.1 95.114","","","",0,0,1500,0,0 +CGCONTRDP: 1,5,"default.mnc321.m cc654.gprs","0.0.0.0.0.0.0.0.0.0. 0.0.0.0.0.0.255.255.255.255.255.2 55.255.255.255.255.255.255.255.25 5.255.255","0.0.0.0.0.0.0.0.0.0.0 .0.0.0.0.0","","","","",0,0,0,0 OK Read context <cid>=1 dynamic parameters. Parameters for IPv4 and IPv6 are shown. AT+UPSD=0,100,1 OK Map external context <cid>=1 to internal context <profile_id>=0. AT+UPSD=0,0,2 OK Set protocol type for internal context <profile_id>=0 to IPv4v6 with IPv4 preferred. AT+UPSDA=0,3 OK +UUPSDA: 0,"192.168.20.6" Activate internal context <profile_id>=0. A URC is received indicating activation complete and IPv4 address for the internal context. C.3 Opening a TCP socket Command sent by DTE (user) DCE response (module) Description AT+CMEE=2 OK Enables the cellular module to report verbose error result codes. AT+CGATT? +CGATT: 1 OK Verifies the SARA-R5 module is attached to the network. AT+CEREG? +CEREG: 0,1 OK Verify the network registration status. AT+COPS=0 OK Register the module on the network. The cellular module automatically registers itself on the cellular network. This command is necessary only if the automatic registration failed (AT+CREG? returns 0,0). AT+COPS? +COPS: 0,0,"Verizon Wireless",7 OK Read the operator name and radio access technology (RAT). AT+UPSND=0,8 +UPSND: 0,8,1 OK Check internal context <profile_id>=0 status. The PSD profile is active. AT+USOCR=6 +USOCR: 0 OK Create a TCP socket. AT+USOCO=0,"195.34.89.241",7 OK Connect to the server. +UUSORD: 0,32 Greeting message. AT+USORD=0,32 +USORD: 0,32,"u-blox AG TCP/UDP test service" OK Retrieving the message. AT+USOCL=0 OK Closing the socket. |