| データシートサーチシステム |
|
EVK-R510M8S データシート(PDF) 21 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R510M8S データシート(HTML) 21 Page - u-blox AG |
|
21 / 23 page ![]() EVK-R5 - User guide UBX-19042592 - R05 Appendix Page 21 of 23 C1-Public F Glossary Abbreviation Definition ADP Adapter Board AT AT Command Interpreter Software Subsystem, or attention B2B Board-To-Board CTS Clear To Send DCD Data Carrier Detect DCE Data Communication Equipment DIL Dual In Line DSR Data Set Ready DTE Data Terminal Equipment DTR Data Terminal Ready EVB Evaluation Board GND Ground GNSS Global Navigation Satellite System GPIO General Purpose Input Output HW Hardware I2C Inter-Integrated Circuit I2S Inter IC Sound IoT Internet of Things IP Internet Protocol LED Light Emitting Diode LTE Long Term Evolution N.A. Not Applicable NB Narrow Band PSD Packet-Switched Data RAT Radio Access Technology RF Radio Frequency RI Ring Indicator RTS Request To Send Rx Receiver SDIO Secure Digital Input Output SIM Subscriber Identity Module SMA SubMiniature version A TCP Transfer Control Protocol Tx Transmitter UART Universal Asynchronous Receiver-Transmitter serial interface UDP User Datagram Protocol USB Universal Serial Bus Table 7: Explanation of the abbreviations and terms used |