データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC48F0P0VTQ0 データシート(PDF) 39 Page - Intel Corporation

部品番号 PC48F0P0VTQ0
部品情報  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F0P0VTQ0 データシート(HTML) 39 Page - Intel Corporation

Back Button PC48F0P0VTQ0 Datasheet HTML 35Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 36Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 37Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 38Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 39Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 40Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 41Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 42Page - Intel Corporation PC48F0P0VTQ0 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
39
Note:
WAIT shown deasserted during asynchronous read mode (RCR[10]=0, Wait asserted low).
1.
WAIT is driven per OE# assertion during synchronous array or non-array read, and can be configured to
assert either during or one data cycle before valid data.
2.
This diagram illustrates the case in which an n-word burst is initiated to the flash memory array and it is
terminated by CE# deassertion after the first word in the burst.
Figure 18.
Asynchronous Page-Mode Read Timing
R108
R9
R7
R17
R15
R10
R4
R8
R3
R106
R101
R105
R105
R1
R1
R2
A[Max:2] [A]
A[1:0]
ADV#
CE# [E]
OE# [G]
WAIT [T]
DATA [D/Q]
Figure 19.
Synchronous Single-Word Array or Non-array Read Timing
R312
R305
R304
R4
R17
R307
R15
R9
R7
R8
R303
R102
R3
R104
R106
R101
R104
R105
R105
R2
R306
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More