| データシートサーチシステム |
|
PC48F2P0VTQ0 データシート(PDF) 80 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F2P0VTQ0 データシート(HTML) 80 Page - Intel Corporation |
|
80 / 102 page ![]() 1-Gbit P30 Family April 2005 Intel StrataFlash® Embedded Memory (P30) Datasheet 80 Order Number: 306666, Revision: 001 Figure 36. Write State Machine—Next State Table (Sheet 3 of 6) Setup Busy Setup Busy Suspend Setup BP Load 1 BP Load 2 BP Confirm BP Busy BP Suspend Setup Busy Suspend Erase Word Program OTP Ready Current Chip State (7) BP Lock/CR Setup OTP Setup (4) Lock Block Confirm (8) Lock-Down Block Confirm (8) Write RCR Confirm (8) Block Address (?WA0) 9 Illegal Cmds or BEFP Data (1) (C0H) (01H) (2FH) (03H) (XXXXH) (all other codes) OTP Setup Ready (Lock Error) Ready (Lock Block) Ready (Lock Down Blk) Ready (Set CR) Ready N/A Ready Ready (BP Load 2 BP Load 2 Ready BP Confirm if Data load into Program Buffer is complete; ELSE BP Load 2 Ready (Error) (Proceed if unlocked or lock error) Ready (Error) Ready Ready N/A BP Confirm if Data load into Program Buffer is complete; ELSE BP load 2 Ready (Error) BP Busy Erase Busy Word Program Suspend BP Load 1 BP Load 2 OTP Busy Word Program Busy Word Program Busy WSM Operation Completes Command Input to Chip and resulting Chip Next State N/A Ready (Lock Error) Ready BP Suspend Ready (Error) Erase Suspend N/A N/A |