| データシートサーチシステム |
|
PST87XR データシート(PDF) 5 Page - Mitsumi Electronics, Corp. |
|
|
|||||||||||||||||||||||||||||
PST87XR データシート(HTML) 5 Page - Mitsumi Electronics, Corp. |
|
5 / 15 page ![]() • Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification. • The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications. MITSUMI CMOS System Reset IC built-in delay time circuit PST87XX, 88XX Series SSON-4B Pin No. Pin name Functions 1 GND GND Pin 2 MR Manual RESET Pin 3 VDD VDD Pin / Voltage Detect Pin 4 RESET Reset Signal Output Pin SOT-25A Pin No. Pin name Functions 1 MR Manual RESET Pin 2 GND GND Pin 3 NC No Connection 4 RESET Reset Signal Output Pin 5 VDD VDD Pin / Voltage Detect Pin SC-82 Pin No. Pin name Functions 1 MR Manual RESET Pin 2 GND GND Pin 3 RESET Reset Signal Output Pin 4 VDD VDD Pin / Voltage Detect Pin PST87XR, PST88XR PST87XA, PST88XA Pin Description SC-82 SSON-4B Pin No. Pin name Functions 1 GND GND Pin 2 NC No Connection 3 VDD VDD Pin / Voltage Detect Pin 4 RESET Reset Signal Output Pin SOT-25A Pin No. Pin name Functions 1 NC No Connection 2 GND GND Pin 3 NC No Connection 4 RESET Reset Signal Output Pin 5 VDD VDD Pin / Voltage Detect Pin Pin No. Pin name Functions 1 NC No Connection 2 GND GND Pin 3 RESET Reset Signal Output Pin 4 VDD VDD Pin / Voltage Detect Pin |