| データシートサーチシステム |
|
STLD40DPUR データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLD40DPUR データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 16 page ![]() STLD40D Maximum ratings Doc ID 12203 Rev 7 5/16 3 Maximum ratings Table 3. Absolute maximum ratings Symbol Parameter Value Unit VBSW, VBO Breakdown voltage at VO and SW pin 44 V EN Maximum voltage applied on pin EN VI V VI Supply voltage range 6 V VESD ESD ratings - (HBM MIL STD 883C) 2 kV TOP Operating temperature - 40 to 85 °C TSTG Storage temperature range - 65 to 150 °C Table 4. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient 52 °C/W |