データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-LINK/V2 データシート(PDF) 9 Page - STMicroelectronics

部品番号 ST-LINK/V2
部品情報  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-LINK/V2 データシート(HTML) 9 Page - STMicroelectronics

Back Button ST-LINK/V2 Datasheet HTML 5Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 6Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 7Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 8Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 9Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 10Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 11Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 12Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
UM1075 Rev 8
9/19
UM1075
Hardware configuration
18
4.1
Connection with STM8
For development of applications based on STM8 microcontrollers, the ST-LINK/V2 can be
connected to the target board by two different cables, depending on the connector available
on the application board.
These cables are:
•
SWIM flat ribbon with a standard ERNI connector at one end
•
SWIM cable with two 4-pin, 2.54 mm connector or SWIM separate-wires cable
4.1.1
Standard ERNI connection with SWIM flat ribbon
Figure 5 shows how to connect the ST-LINK/V2 if a standard ERNI 4-pin SWIM connector is
present on the application board.
Figure 5. ERNI connection
1. A = Target application board with ERNI connector
2. B = Wire cable with ERNI connector at one end
3. C = STM8 SWIM target connector
4. See Figure 11
Figure 6 shows that pin 16 is missing on the ST-LINK/V2-ISOL target connector. This
missing pin is used as a safety key on the cable connector, to guarantee connection of the
SWIM cable in the correct position on the target connector even pins, used for both SWIM
and JTAG cables.
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19