| データシートサーチシステム |
|
STLINK-V3MODS データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLINK-V3MODS データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 27 page ![]() UM2502 Rev 1 21/27 UM2502 Software configuration 26 V3MINI to identify the connected target before enumerating on the USB host. As a consequence, this functionality is available only if the target is connected to the STLINK- V3MODS and STLINK-V3MINI. 10.5 Bridge interface The STLINK-V3MODS implements a USB interface dedicated to bridge functions from USB to SPI/I2C/CAN/UART/GPIOs of ST microcontroller target. This interface is firstly used by STM32CubeProgrammer in order to allow target programming through SPI/I2C/CAN bootloader. A host software API is provided in order to extend the use cases. |