データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F722VCI7TR データシート(PDF) 90 Page - STMicroelectronics

部品番号 STM32F722VCI7TR
部品情報  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCI7TR データシート(HTML) 90 Page - STMicroelectronics

Back Button STM32F722VCI7TR Datasheet HTML 86Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 87Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 88Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 89Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 90Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 91Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 92Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 93Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 229 page
background image
Port A
PA12
-
TIM1_ETR
-
-
-
-
-
USART1_RT
S
SAI2_FS_B
CAN1_TX
OTG_FS_D
P
--
EVEN
TOUT
PA13
JTMS-
SWDIO
--
-
-
--
-
-
-
-
-
-
EVEN
TOUT
PA14
JTCK-
SWCLK
--
-
-
--
-
-
-
-
-
-
EVEN
TOUT
PA15
JTDI
TIM2_CH1
/TIM2_ET
R
--
-
SPI1_NSS
/I2S1_WS
SPI3_NSS
/I2S3_WS
-
UART4_RTS
-
-
-
-
EVEN
TOUT
Port B
PB0
-
TIM1_CH2
N
TIM3_CH3
TIM8_CH2
N
-
-
-
-
UART4_CTS
-
OTG_HS_U
LPI_D1
--
EVEN
TOUT
PB1
-
TIM1_CH3
N
TIM3_CH4
TIM8_CH3
N
--
-
-
-
-
OTG_HS_U
LPI_D2
--
EVEN
TOUT
PB2
-
-
-
-
-
-
SAI1_SD_
A
SPI3_MOSI/I
2S3_SD
-
QUADSPI_
CLK
--
-
EVEN
TOUT
PB3
JTDO/TR
ACESWO
TIM2_CH2
-
-
-
SPI1_SCK
/I2S1_CK
SPI3_SCK
/I2S3_CK
--
-
SDMMC2_
D2
--
EVEN
TOUT
PB4
NJTRST
-
TIM3_CH1
-
-
SPI1_MIS
O
SPI3_MIS
O
SPI2_NSS/I2
S2_WS
--
SDMMC2_
D3
--
EVEN
TOUT
PB5
-
-
TIM3_CH2
-
I2C1_SMB
A
SPI1_MO
SI/I2S1_S
D
SPI3_MO
SI/I2S3_S
D
--
-
OTG_HS_U
LPI_D7
-
FMC_SDC
KE1
EVEN
TOUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_TX
-
-
QUADSPI_
BK1_NCS
-
FMC_SDN
E1
EVEN
TOUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_RX
-
-
-
-
FMC_NL
EVEN
TOUT
PB8
-
-
TIM4_CH3
TIM10_CH
1
I2C1_SCL
-
-
-
-
CAN1_RX
SDMMC2_
D4
-
SDMMC1
_D4
EVEN
TOUT
Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More