データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F722VCY7TR データシート(PDF) 2 Page - STMicroelectronics

部品番号 STM32F722VCY7TR
部品情報  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR データシート(HTML) 2 Page - STMicroelectronics

  STM32F722VCY7TR Datasheet HTML 1Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 2Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 3Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 4Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 5Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 6Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 7Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 8Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 229 page
background image
STM32F722xx STM32F723xx
2/229
DS11853 Rev 6
– 1 x CAN (2.0B active)
– 2 x SDMMCs
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and on-chip
Hi-speed PHY or ULPI depending on the
part number
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F722xx
STM32F722IC, STM32F722IE, STM32F722RC, STM32F722RE, STM32F722VC,
STM32F722VE, STM32F722ZC, STM32F722ZE
STM32F723xx
STM32F723IC, STM32F723IE, STM32F723VC, STM32F723VE, STM32F723ZC,
STM32F723ZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More