| データシートサーチシステム |
|
ASM3P2869AF-06OR データシート(PDF) 2 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3P2869AF-06OR データシート(HTML) 2 Page - Alliance Semiconductor Corporation |
|
2 / 12 page ![]() October 2005 ASM3P2869A rev 1.6 Low Power Peak EMI Reducing Solution 2 of 12 Notice: The information in this document is subject to change without notice. XIN / CLKIN VDD REFOUT ModOUT XOUT 1 2 3 4 5 6 ASM3P2869A VSS Pin Configuration (6-pin TSOT-23 Package) Pin Description Pin# Pin Name Type Description 1 REFOUT O Buffered output of the input frequency. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 XIN / CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 4 VDD P Power supply for the entire chip 5 ModOUT O Spread spectrum clock output. 6 VSS P Ground connection. |