| データシートサーチシステム |
|
ASM3I623S00AG-08-TT データシート(PDF) 13 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3I623S00AG-08-TT データシート(HTML) 13 Page - Alliance Semiconductor Corporation |
|
13 / 16 page ![]() July 2005 ASM3P623S00A/B/C/D/E/F rev 1.0 Zero Cycle Slip Peak EMI Reduction IC 13 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d) Ordering Code Marking Package Type Operating Range ASM3P623S00CF-08-SR 3P623S00CF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S00AF-08-SR 3I623S00AF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3I623S00BF-08-SR 3I623S00BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3I623S00CF-08-SR 3I623S00CF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S00AF-08-TT 3P623S00AF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3P623S00BF-08-TT 3P623S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3P623S00CF-08-TT 3P623S00CF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S00AF-08-TT 3I623S00AF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3I623S00BF-08-TT 3I623S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3I623S00CF-08-TT 3I623S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S00AF-08-TR 3P623S00AF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3P623S00BF-08-TR 3P623S00BF 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3P623S00CF-08-TR 3P623S00CF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S00AF-08-TR 3I623S00AF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3I623S00BF-08-TR 3I623S00BF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3I623S00CF-08-TR 3I623S00CF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial |