データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WSP8810 データシート(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号 WSP8810
部品情報  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP8810 データシート(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP8810 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8810 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8810 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8810 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8810 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.022
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=
7.5A
---
11.5
14.5
m
Ω
VGS=2.5V , ID=
5A
---
14.5
20
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.5
0.7
1.
0
V
VGS(th)
VGS(th) Temperature Coefficient
---
-2.33
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=5A
---
36
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
4
---
Ω
Qg
Total Gate Charge (4.5V)
VDS=1
0V , VGS=4.5V , ID=7.5A
---
13.5
18
nC
Qgs
Gate-Source Charge
---
1.5
---
Qgd
Gate-Drain Charge
---
5.8
---
Td(on)
Turn-On Delay Time
VDD=10V , VGS=4.5V , RG=3.3Ω
ID=5A
---
10.8
20
ns
Tr
Rise Time
---
14.5
26
Td(off)
Turn-Off Delay Time
---
51
55
Tf
Fall Time
---
45
81
Ciss
Input Capacitance
VDS=1
0V , VGS=0V , f=1MHz
---
900
---
pF
Coss
Output Capacitance
---
175
---
Crss
Reverse Transfer Capacitance
---
160
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
1.5
A
ISM
Pulsed Source Current
2,4
---
---
30
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
0.7
1.
3
V
trr
Reverse Recovery Time
IF=
7.5A
,dI/dt=100A/µs , TJ=25℃
---
13.5
---
nS
Qrr
Reverse Recovery Charge
---
4
---
nC
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper
, t≦10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WSP8810
Page 2
www.winsok.tw
Dec.2014
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com