| データシートサーチシステム |
|
ASM706PCPA データシート(PDF) 8 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM706PCPA データシート(HTML) 8 Page - Alliance Semiconductor Corporation |
|
8 / 16 page ![]() ASM706 P/ R/ S/ T/ J 8 of 16 Notice: The information in this document is subject to change without notice 3/3.3/4.0 V µP Supervisor Circuits ASM708 R/ S/ T/ J October 2003 rev 1.0 Electrical Characteristics Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (ASM706P, ASM708R), 3.0 V to 5.5V (ASM706/708S), 3.15V to 5.5V (ASM706/708T) and 4.1V to 5.5.V (ASM706/708J) Parameter Symbol Conditions Min Typ Max Unit Operating Voltage Range VCC ASM706xC, ASM708xC 1.1 5.5 V ASM706xE, ASM708xE 1.2 5.5 Supply Current VCC < 3.6V ICC ASM706xC, ASM706xE, MR = VCC, WDI Float- ing 75 140 µA ASM708xC, ASM708xE, MR = VCC, WDI Float- ing 50 140 Supply Current VCC < 5.5V ICC ASM706xC, ASM706xE, MR = VCC, WDI Float- ing 75 140 µA ASM708xC, ASM708xE, MR = VCC, WDI Float- ing 50 140 RESET Threshold VRT P and R devices 2.55 2.63 2.70 V S devices 2.85 2.93 3.00 T devices 3.00 3.08 3.15 J devices 3.89 4.00 4.10 RESET Threshold Hysteresis 40 mV RESET Pulse Width tRS VCC = 3V (ASM706/8, P/R devices). ms VCC = 3.3V (ASM706/8, S/T devices). 140 200 280 VCC = 4.4V (ASM706/8, J devices). VCC = 5V 200 MR Pulse Width tMR 4.5V < VCC < 5.5V 150 ns 3.6V < VCC < 4.5V (ASM706/8J devices) VRST (MAX) < VCC < 3.6V (ASM706/8/P/R/S/T devices) 500 MR to RESET Out Delay tMD 3.6V < VCC < 4.5V (AS706/8J devices) VRST (MAX) < VCC < 3.6V (ASM706/8/P/R/S/T devices) 750 ns 4.5V < VCC < 5.5V 250 |