データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM706PEPA データシート(PDF) 13 Page - Alliance Semiconductor Corporation

部品番号 ASM706PEPA
部品情報  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALSC [Alliance Semiconductor Corporation]
ホームページ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706PEPA データシート(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button ASM706PEPA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 15Page - Alliance Semiconductor Corporation ASM706PEPA Datasheet HTML 16Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ASM706 P/ R/ S/ T/ J
13 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
Ordering Codes
Part Number
Package
Operating
Temperature
Range (°C)
Reset
Threshold
Reset Polarity
Watchdog
Timer
ASM706PCPA
8- Plastic DIP
0 to +70
2.63
HIGH
YES
ASM706PCSA
8-SO
0 to +70
2.63
HIGH
YES
ASM706PCUA
8-MicroSO
0 to +70
2.63
HIGH
YES
ASM706PEPA
8-Plastic DIP
-40 to +85
2.63
HIGH
YES
ASM706PESA
8-SO
-40 to +85
2.63
HIGH
YES
ASM706RCPA
8- Plastic DIP
0 to +70
2.63
LOW
YES
ASM706RCSA
8-SO
0 to +70
2.63
LOW
YES
ASM706RCUA
8-MicroSO
0 to +70
2.63
LOW
YES
ASM706REPA
8-Plastic DIP
-40 to +85
2.63
LOW
YES
ASM706RESA
8-SO
-40 to +85
2.63
LOW
YES
ASM706SCPA
8- Plastic DIP
0 to +70
2.93
LOW
YES
ASM706SCSA
8-SO
0 to +70
2.93
LOW
YES
ASM706SCUA
8-MicroSO
0 to +70
2.93
LOW
YES
ASM706SEPA
8-Plastic DIP
-40 to +85
2.93
LOW
YES
ASM706SESA
8-SO
-40 to +85
2.93
LOW
YES
ASM706TCPA
8- Plastic DIP
0 to +70
3.08
LOW
YES
ASM706TCSA
8-SO
0 to +70
3.08
LOW
YES
ASM706TCUA
8-MicroSO
0 to +70
3.08
LOW
YES
ASM706TEPA
8-Plastic DIP
-40 to +85
3.08
LOW
YES
ASM706TESA
8-SO
-40 to +85
3.08
LOW
YES
ASM706JCPA
8- Plastic DIP
0 to +70
4.00
LOW
YES
ASM706JCSA
8-SO
0 to +70
4.00
LOW
YES
ASM706JCUA
8-MicroSO
0 to +70
4.00
LOW
YES
ASM706JEPA
8-Plastic DIP
-40 to +85
4.00
LOW
YES
ASM706JESA
8-SO
-40 to +85
4.00
LOW
YES
ASM708RCPA
8- Plastic DIP
0 to +70
2.63
Dual: HIGH & LOW
NO
ASM708RCSA
8-SO
0 to +70
2.63
Dual: HIGH & LOW
NO
ASM708RCUA
8-MicroSO
0 to +70
2.63
Dual: HIGH & LOW
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16