| データシートサーチシステム |
|
ASM708JCSA データシート(PDF) 13 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM708JCSA データシート(HTML) 13 Page - Alliance Semiconductor Corporation |
|
13 / 16 page ![]() ASM706 P/ R/ S/ T/ J 13 of 16 Notice: The information in this document is subject to change without notice 3/3.3/4.0 V µP Supervisor Circuits ASM708 R/ S/ T/ J October 2003 rev 1.0 Ordering Codes Part Number Package Operating Temperature Range (°C) Reset Threshold Reset Polarity Watchdog Timer ASM706PCPA 8- Plastic DIP 0 to +70 2.63 HIGH YES ASM706PCSA 8-SO 0 to +70 2.63 HIGH YES ASM706PCUA 8-MicroSO 0 to +70 2.63 HIGH YES ASM706PEPA 8-Plastic DIP -40 to +85 2.63 HIGH YES ASM706PESA 8-SO -40 to +85 2.63 HIGH YES ASM706RCPA 8- Plastic DIP 0 to +70 2.63 LOW YES ASM706RCSA 8-SO 0 to +70 2.63 LOW YES ASM706RCUA 8-MicroSO 0 to +70 2.63 LOW YES ASM706REPA 8-Plastic DIP -40 to +85 2.63 LOW YES ASM706RESA 8-SO -40 to +85 2.63 LOW YES ASM706SCPA 8- Plastic DIP 0 to +70 2.93 LOW YES ASM706SCSA 8-SO 0 to +70 2.93 LOW YES ASM706SCUA 8-MicroSO 0 to +70 2.93 LOW YES ASM706SEPA 8-Plastic DIP -40 to +85 2.93 LOW YES ASM706SESA 8-SO -40 to +85 2.93 LOW YES ASM706TCPA 8- Plastic DIP 0 to +70 3.08 LOW YES ASM706TCSA 8-SO 0 to +70 3.08 LOW YES ASM706TCUA 8-MicroSO 0 to +70 3.08 LOW YES ASM706TEPA 8-Plastic DIP -40 to +85 3.08 LOW YES ASM706TESA 8-SO -40 to +85 3.08 LOW YES ASM706JCPA 8- Plastic DIP 0 to +70 4.00 LOW YES ASM706JCSA 8-SO 0 to +70 4.00 LOW YES ASM706JCUA 8-MicroSO 0 to +70 4.00 LOW YES ASM706JEPA 8-Plastic DIP -40 to +85 4.00 LOW YES ASM706JESA 8-SO -40 to +85 4.00 LOW YES ASM708RCPA 8- Plastic DIP 0 to +70 2.63 Dual: HIGH & LOW NO ASM708RCSA 8-SO 0 to +70 2.63 Dual: HIGH & LOW NO ASM708RCUA 8-MicroSO 0 to +70 2.63 Dual: HIGH & LOW NO |