| データシートサーチシステム |
|
EKTF6708 データシート(PDF) 121 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EKTF6708 データシート(HTML) 121 Page - ELAN Microelectronics Corp |
|
121 / 158 page ![]() eKTF6708 8-Bit Microcontroller IC Product Specification (V1.2) 03.12.2020 111 (This specification is subject to change without prior notice) 6.11 UART (Universal Asynchronous Receiver/Transmitter) Registers for UART Circuit R_BANK Addr. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bank 0 0x15 SFR2 - - UERRSF URSF UTSF - - - - - R/W R/W R/W - - - Bank 0 0x1C IMR2 - - UERRIE URIE UTIE - - - - - R/W R/W R/W - - - Bank 1 0X33 URCR UINVEN UMODE1 UMODE0 BRATE2 BRATE1 BRATE0 UTBE TXE R/W R/W R/W R/W R/W R/W R/W R/W Bank 1 0X34 URS URTD8 EVEN PRE PRERR OVERR FMERR URBF RXE W R/W R/W R/W R/W R/W R R/W Bank 1 0x35 URTD URTD7 URTD6 URTD5 URTD4 URTD3 URTD2 URTD1 URTD0 W W W W W W W W Bank 1 0X36 URRDL URRD7 URRD6 URRD5 URRD4 URRD3 URRD2 URRD1 URRD0 R R R R R R R R Bank 1 0X37 URRDH URRD8 - - - - - - URSS R - - - - - - R/W Bau d Rate Gen erator selector RX Con trol TX Control Inter rupt Control RX S hift Reg ister URRD URTD URRD8 RX TX Pari ty Control Erro r Flag Data Bu s URTD8 RXE TXE UINVEN UINVEN Fsystem Figure 6-16 UART Functional Block Diagram In Universal Asynchronous Receiver Transmitter (UART), each transmitted or received character is individually synchronized by framing it with a start bit and a stop bit. Full duplex data transfer is possible since the UART has independent transmit and receive sections. Double buffering for both sections allows the UART to be programmed for continuous data transfer. |