| データシートサーチシステム |
|
EKTF6708 データシート(PDF) 124 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EKTF6708 データシート(HTML) 124 Page - ELAN Microelectronics Corp |
|
124 / 158 page ![]() eKTF6708 8-Bit Microcontroller 114 IC Product Specification (V1.2) 03.12.2020 (This specification is subject to change without prior notice) 6.11.4 Baud Rate Generator The baud rate generator is comprised of a circuit that generates a clock pulse to determine the transfer speed for transmission/reception in the UART. The BRATE2~BRATE0 bits of the URC register can determine the desired baud rate. 6.11.5 UART Timing 1. Transmission Counter Timing: 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 One bit cycle FUART*16 TXD pin Start bit Bit 0 2. Receiving Counter Timing: 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 One bit cycle FUART*16 RXD pin Start bit Bit 0 16 15 Stop bit Synchronization (reset counter) Sampling timing Figure 6-18b UART Timing Diagrams |