| データシートサーチシステム |
|
MCP6V76UT-EST データシート(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6V76UT-EST データシート(HTML) 28 Page - Microchip Technology |
|
28 / 48 page ![]() MCP6V76/6U/7/9 DS20006323B-page 28 2020 Microchip Technology Inc. Microchip Technology Drawing C04-061-LTY Rev E Sheet 2 of 2 Number of Pins Overall Height Terminal Width Overall Width Terminal Length Molded Package Width Molded Package Thickness Pitch Standoff Units Dimension Limits A1 A b E1 A2 e L E N 0.65 BSC 0.10 0.15 0.80 0.00 - 0.20 1.25 BSC - - 2.10 BSC MILLIMETERS MIN NOM 5 0.46 0.40 1.10 0.10 MAX c - 0.08 0.26 REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Lead Thickness 5-Lead Plastic Small Outline Transistor (LTY) [SC70] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Overall Length D 2.00 BSC 0.80 - 1.00 1. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm per side. 3. Dimensioning and tolerancing per ASME Y14.5M |