| データシートサーチシステム |
|
PFS173 データシート(PDF) 4 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS173 データシート(HTML) 4 Page - PADAUK Technology. |
|
4 / 105 page ![]() PFS173 8bit MTP MCU with 8-bit ADC ©Copyright 2020, PADAUK Technology Co. Ltd Page 4 of 105 PDK-DS-PFS173-EN_V105-Jun. 19, 2020 5.4.6. System Clock Switching ............................................................................................37 5.5. Comparator ...........................................................................................................................38 5.5.1 Internal reference voltage (Vinternal R)...........................................................................39 5.5.2 Using the comparator ................................................................................................41 5.5.3 Using the comparator and band-gap 1.20V ...............................................................42 5.6 VDD/2 LCD Bias Voltage Generator .....................................................................................43 5.7 16-bit Timer (Timer16) ..........................................................................................................44 5.8 8-bit Timer (Timer2/Timer3) with PWM generation ................................................................46 5.8.1 Using the Timer2 to generate periodical waveform ....................................................47 5.8.2 Using the Timer2 to generate 8-bit PWM waveform...................................................49 5.8.3 Using the Timer2 to generate 6-bit PWM waveform...................................................50 5.9 11-bit PWM Generator ..........................................................................................................51 5.9.1 PWM Waveform ........................................................................................................51 5.9.2 Hardware Diagram ....................................................................................................52 5.9.3 Equations for 11-bit PWM Generator .........................................................................53 5.9.4 PWM Waveforms with Complementary Dead Zones .................................................54 5.10 WatchDog Timer ...................................................................................................................56 5.11 Interrupt ................................................................................................................................56 5.12 Power-Save and Power-Down ..............................................................................................59 5.12.1 Power-Save mode (“stopexe”) ...................................................................................59 5.12.2 Power-Down mode (“stopsys”) ..................................................................................60 5.12.3 Wake-up....................................................................................................................61 5.13 IO Pins ..................................................................................................................................61 5.14 Reset and LVR......................................................................................................................62 5.14.1 Reset.........................................................................................................................62 5.14.2 LVR reset ..................................................................................................................62 5.15 Analog-to-Digital Conversion (ADC) module .........................................................................63 5.15.1 The input requirement for AD conversion ..................................................................64 5.15.2 Select the reference high voltage ..............................................................................64 5.15.3 ADC clock selection...................................................................................................64 5.15.4 Configure the analog pins..........................................................................................65 5.15.5 Using the ADC...........................................................................................................65 5.15.6 How to calculate ADC input voltage VIN .....................................................................66 6. IO Registers ........................................................................................................................ 67 6.1. ACC Status Flag Register (flag), IO address = 0x00 .............................................................67 6.2. Stack Pointer Register (sp), IO address = 0x02 ....................................................................67 6.3. Clock Mode Register (clkmd), IO address = 0x03 .................................................................67 |