| データシートサーチシステム |
|
TL062ACDRG4 データシート(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062ACDRG4 データシート(HTML) 48 Page - Texas Instruments |
|
48 / 52 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 8X (.061 ) [1.55] 8X (.024) [0.6] 6X (.050 ) [1.27] (.213) [5.4] (R.002 ) TYP [0.05] SOIC - 1.75 mm max height D0008A SMALL OUTLINE INTEGRATED CIRCUIT 4214825/C 02/2019 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON .005 INCH [0.125 MM] THICK STENCIL SCALE:8X SYMM SYMM 1 4 5 8 |