| データシートサーチシステム |
|
PMS232 データシート(PDF) 32 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS232 データシート(HTML) 32 Page - PADAUK Technology. |
|
32 / 94 page ![]() PMC232/PMS232 Series 12-bit ADC Enhanced FPPA TM 8-bit OTP Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 32 of 94 PDK-DS-PMx232_V104– Dec. 18, 2018 5-2-2. Example of Using Program Memory for Two FPP mode Table 2 shows one example of using program memory which two FPP units are active. Address Function 000 FPP0 reset – goto instruction (goto ‘h020) 001 Begin of FPP1 program • • 00F goto ‘h1A1 to continue FPP1 program 010 Interrupt entry address (FPP0 only) • • 01F End of ISR 020 Begin of FPP0 user program • • 1A0 End of FPP0 user program 1A1 Continuing FPP1 program • • 7F7 End of FPP1 program 7F8 System Using • • 7FF System Using Table 2: Example of using Program Memory for two FPP units mode 5-2-3. Example of Using Program Memory for Single FPP mode The entire user’s program memory can be assigned to FPP0 when single FPP mode is selected. Table 3 shows the example of program memory using for single FPP unit mode. Address Function 000 FPP0 reset 001 Begin of user program 002 user program • • 00F goto instruction (goto 0x020) 010 Interrupt entry address 011 ISR • • 01F End of ISR 020 user program • • • • 7F7 user program 7F8 System Using • • 7FF System Using Table 3: Example of using Program Memory for single FPP mode |