データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMS234 データシート(PDF) 4 Page - PADAUK Technology.

部品番号 PMS234
部品情報  12-bit ADC Enhanced
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PADAUK [PADAUK Technology.]
ホームページ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS234 データシート(HTML) 4 Page - PADAUK Technology.

  PMS234 Datasheet HTML 1Page - PADAUK Technology. PMS234 Datasheet HTML 2Page - PADAUK Technology. PMS234 Datasheet HTML 3Page - PADAUK Technology. PMS234 Datasheet HTML 4Page - PADAUK Technology. PMS234 Datasheet HTML 5Page - PADAUK Technology. PMS234 Datasheet HTML 6Page - PADAUK Technology. PMS234 Datasheet HTML 7Page - PADAUK Technology. PMS234 Datasheet HTML 8Page - PADAUK Technology. PMS234 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
PMC234/PMS234 Series
12-bit ADC Enhanced FPPA
TM
8-bit Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 4 of 107
PDK-DS-PMX234_V103 – Dec. 19, 2018
5-3. Program Structure ...............................................................................................................35
5-3-1. Program structure of two FPP units mode................................................................35
5-3-2. Program structure of single FPP mode.....................................................................35
5-4. Boot Procedure....................................................................................................................36
5-5. Data Memory -- SRAM.........................................................................................................37
5-6. Arithmetic and Logic Unit .....................................................................................................37
5-7. Oscillator and clock..............................................................................................................38
5-7-1. Internal High RC oscillator and Internal Low RC oscillator........................................38
5-7-2. Chip calibration ........................................................................................................38
5-7-3. IHRC Frequency Calibration and System Clock .......................................................38
5-7-4. External Crystal Oscillator ........................................................................................40
5-7-5. System Clock and LVR level ....................................................................................41
5-7-6. System Clock Switching ...........................................................................................42
5-8. 16-bit Timer (Timer16) .........................................................................................................43
5-9. 8-bit Timer (Timer2) with PWM generation...........................................................................45
5-9-1. Using the Timer2 to generate periodical waveform ..................................................46
5-9-2. Using the Timer2 to generate 8-bit PWM waveform .................................................48
5-9-3. Using the Timer2 to generate 6-bit PWM waveform .................................................49
5-10. WatchDog Timer................................................................................................................50
5-11. Interrupt .............................................................................................................................51
5-12. Power-Save and Power-Down ...........................................................................................53
5-12-1. Power-Save mode (“stopexe”) ...............................................................................53
5-12-2. Power-Down mode (“stopsys”) ...............................................................................54
5-12-3. Wake-up ................................................................................................................55
5-13. IO Pins...............................................................................................................................56
5-14. Reset and LVR ..................................................................................................................57
5-14-1. Reset .....................................................................................................................57
5-14-2. LVR (low voltage reset)..........................................................................................57
5-15. Comparator........................................................................................................................58
5-15-1. Comparator Hardware Diagram .............................................................................58
5-15-2. Analog Inputs .........................................................................................................59
5-15-3. Internal reference voltage (Vinternal R) .......................................................................60
5-15-4. Comparator Interrupt Operation .............................................................................62
5-15-5. Synchronizing Comparator Output to Timer2 .........................................................62
5-15-6. Comparator Response Time ..................................................................................62
5-15-7. Using the comparator.............................................................................................63
5-15-8. Using the comparator and band-gap 1.20V ............................................................64
5-16. LCD Bias Voltage Generator..............................................................................................65
5-17. Analog-to-Digital Conversion (ADC) module ......................................................................66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More