データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMA5D27 データシート(PDF) 44 Page - Microchip Technology

部品番号 SAMA5D27
部品情報  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 データシート(HTML) 44 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 40Page - Microchip Technology SAMA5D27 Datasheet HTML 41Page - Microchip Technology SAMA5D27 Datasheet HTML 42Page - Microchip Technology SAMA5D27 Datasheet HTML 43Page - Microchip Technology SAMA5D27 Datasheet HTML 44Page - Microchip Technology SAMA5D27 Datasheet HTML 45Page - Microchip Technology SAMA5D27 Datasheet HTML 46Page - Microchip Technology SAMA5D27 Datasheet HTML 47Page - Microchip Technology SAMA5D27 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Table 9-4. Table 7. DC Electrical Characteristics for System Inputs
Pad
Parameters
Conditions
Min.
Typ.
Max.
VIL
Low-level Input
Voltage
DIS_BOOT
–
–
1.0V
VIH
High-level Input
Voltage
DIS_BOOT
2.3V
–
–
SAMA5D27 SOM1
Electrical Characteristics
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55