| データシートサーチシステム |
|
SST26VF064BEUI データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST26VF064BEUI データシート(HTML) 4 Page - Microchip Technology |
|
4 / 81 page ![]() 2015-2018 Microchip Technology Inc. DS20006138A-page 4 SST26VF064BEUI 2.0 PIN DESCRIPTION FIGURE 2-1: PIN DESCRIPTION FOR 8-LEAD SOIJ FIGURE 2-2: PIN DESCRIPTION FOR 8-CONTACT WDFN TABLE 2-1: PIN DESCRIPTION Symbol Pin Name Functions SCK Serial Clock To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. SIO[3:0] Serial Data Input/Output To transfer commands, addresses, or data serially into the device or data out of the device. Inputs are latched on the rising edge of the serial clock. Data is shifted out on the falling edge of the serial clock. The Enable Quad I/O (EQIO) command instruction configures these pins for Quad I/O mode. SI Serial Data Input for SPI mode To transfer commands, addresses or data serially into the device. Inputs are latched on the rising edge of the serial clock. SI is the default state after a power on reset. SO Serial Data Output for SPI mode To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. SO is the default state after a power on reset. CE# Chip Enable The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of any command sequence; or in the case of Write operations, for the command/data input sequence. WP# Write Protect The WP# is used in conjunction with the WPEN and IOC bits in the Configura- tion register to prohibit write operations to the Block-Protection register. This pin only works in SPI, single-bit and dual-bit Read mode. 1 2 3 4 8 7 6 5 CE# SO/SIO1 WP#/SIO2 VSS VDD HOLD/SIO3 SCK SI/SIO0 Top View 25119 08-soic S2A P1.0 1 2 3 4 8 7 6 5 CE# SO/SIO1 WP#/SIO2 VSS Top View VDD HOLD/SIO3 SCK SI/SIO0 25119 08-wson QA P1.0 |