| データシートサーチシステム |
|
TLC372CPSRG4 データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC372CPSRG4 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 29 page ![]() TLC372 LinCMOS DUAL DIFFERENTIAL COMPARATORS SLCS114E − NOVEMBER 1983 − REVISED JULY 2008 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 equivalent schematic (each comparator) Common to All Channels VDD GND OUT IN + IN − AVAILABLE OPTIONS(1) V max PACKAGED DEVICES TA VIO max AT 25 °C SMALL OUTLINE (D)(2) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) TSSOP (PW) CERAMIC FLAT PACK (U) 0 °C to 70°C 5 mV TLC372CD — — TLC372CP TLC372CPW — −40 °C to 85°C 5 mV TLC372ID — — TLC372IP — — −55 °C to 125°C 5 mV TLC372MD TLC372MFK TLC372MJG TLC372MP — TLC372MU −40 °C to 125°C 5 mV TLC372QD — — TLC372QP — — 1. For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. 2. The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC372CDR). |