データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH79F166AF データシート(PDF) 60 Page - List of Unclassifed Manufacturers

部品番号 SH79F166AF
部品情報  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AF データシート(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button SH79F166AF Datasheet HTML 56Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 57Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 58Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 59Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 60Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 61Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 62Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 63Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
SH79F166A
60
7.9.9 外部中断输入
SH79F166A有5个外部中断输入。外部中断0-3分别有一个独立的中断源,外部中断4有4个中断源共用一个中断矢量地址。
外部中断0/1可以通过设置TCON寄存器的IT1,IT0位来选择是电平触发或是边沿触发。当ITx = 0(x = 0,1)时,外部中断INTx
(x = 0,1)引脚为低电平触发;当ITx(x = 0,1)= 1,外部中断INTx(x = 0,1)为沿触发,在这个模式中,一个周期内INTx
(x = 0,1)引脚上连续采样为高电平而下个周期为低电平,TCON寄存器的中断请求标志位置1,发出一个中断请求。由于外
部中断引脚每个机器周期采样一次,输入高或低电平应当保持至少1个机器周期以确保能够被正确采样到。
如果外部中断为下降沿触发,外部中断源应当将中断脚至少保持1个机器周期高电平,然后至少保持1个机器周期低电平。
这样就确保了边沿能够被检测到以使IEx置1。当调用中断服务程序后,CPU自动将IEx清0。
如果外部中断为低电平触发,外部中断源必须一直保持请求有效,直到产生所请求的中断为止,此过程需要2个系统时钟周
期。如果中断服务完成后而外部中断仍旧维持,则会产生下一次中断。当中断为电平触发时不必清除中断标志IEx(x = 0,1,2,
3),因为中断只与输入口电平有关。
外部中断2-4除了具有更多的中断触发方式外,与外部中断0,1操作类似。
当SH79F166A进入空闲或是掉电模式,中断会唤醒处理器继续工作,详见电源管理章节。
注意:外部中断0-3的中断标志位在执行中断服务程序时被自动硬件清0,但外部中断4标志位IF40-43必须要软件清0。
1 Machine Cyle
>1 Machine Cycle
High-Level Threshold
Low-Level Threshold
Low-Level Threshold
>2 Machine Cycle
外部中断检测
7.9.10 中断汇总
中断源
向量地址
允许位
标志位
轮询优先级
中断号(C51)
Reset
0000H
-
-
0(最高级)
-
INT0
0003H
EX0
IE0
2
0
Timer5
000BH
ET5
TF5
3
1
INT1
0013H
EX1
IE1
4
2
EUART
0023H
ES
RI+TI
5
4
Timer2
002BH
ET2
TF2+EXF2
6
5
ADC
0033H
EADC
ADCIF
7
6
INT2
0043H
EX2
IE2
9
8
INT3
004BH
EX3
IE3
10
9
INT4
0053H
EX4+IENC
IF43-40
11
10
Timer3
005BH
ET3
TF3
12
11
PWM
0063H
EPWM
PWMIF
13
12
Timer4
006BH
ET4
TF4
14
13
SCM/LPD
0073H
ESCM+ESCM1/ELPD
SCMIF/LPDF
15(最低级)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More