| データシートサーチシステム |
|
NRF24AP2-USBQ32-R データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NRF24AP2-USBQ32-R データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 44 page ![]() Revision 1.0 Page 6 of 44 nRF24AP2-USB Product Specification 1 Introduction The nRF24AP2 components belong to Nordic Semiconductor’s low-cost, high-performance family of 2.4 GHz ISM Connectivity-on-Chip devices with the ANT protocol stack embedded. nRF24AP2 offers the market’s most efficient, single chip, transceiver solution for Ultra Low Power (ULP) networks, through the integration of the extremely power efficient ANT protocol stack, the world leading Nordic Semiconductor 2.4 GHz RF technology as well as critical low-power oscillator and timing features. This document covers the product nRF24AP2-USB, which is a single-chip implementation of an ANT USB bridge. 1.1 Prerequisites In order to fully understand the product specification, a good knowledge of electronics and software engineering is necessary. Please also refer to the document ANT Message Protocol and Usage when reading this product specification. You can download the document from Nordic’s web site www.nordicsemi.com or from www.thisisant.com. 1.2 Writing conventions This product specification follows a set of typographic rules to ensure that the document is consistent and easy to read. The following writing conventions are used: • Commands, bit state conditions, and register names are written in Courier New. • Pin names and pin signal conditions are written in Courier New bold. • Cross references are underlined and highlighted in blue. |