データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M1E2G4BPFI80-SD-R データシート(PDF) 6 Page - Silicom Ltd.

部品番号 M1E2G4BPFI80-SD-R
部品情報  M1E2G4BPFI35-SD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPFI80-SD-R データシート(HTML) 6 Page - Silicom Ltd.

  M1E2G4BPFI80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
In Bypass mode, the connections of the Ethernet network ports are disconnected from the interfaces and switched over to the other
port to create a crossed connection loop-back between the Ethernet ports. The connections of the interfaces are left unconnected.
(See Figure 2: one Bypass pair illustrated)
Figure 2: Bypass Mode Functional Block Diagram
In Disconnect mode, the transmit connections of the Ethernet network ports are disconnected from the interfaces. (See Figure 3:
one Bypass pair illustrated)
Figure 3: Disconnect Mode Functional Block Diagram
Silicom’s Quad Port Fiber Gigabit Ethernet Bypass server adapter supports software programmable to select Normal, Bypass or
Disconnect modes.
Silicom’s Quad Port Fiber Gigabit Ethernet supports Disable Bypass, Disable Disconnected capabilities; hence, if those adapters
receive Disable Bypass capability / Disable Disconnect commands, the adapter does not Bypass / does not Disconnect its Ethernet
ports, The Disable Bypass Capabilities are reserved also after power off. This feature enables to emulate a standard NIC.
Silicom’s Quad Port Fiber Gigabit Ethernet supports Disable supports setting the default mode at power up and power off. Those
setting are reserved also after power off.



Html Pages

1 2 3 4 5 6 7