| データシートサーチシステム |
|
L9352B データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9352B データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() 5/21 L9352B OPERATING RANGE Symbol Parameter Test Conditions Min. Typ. Max. Unit VS Supply voltage 4.8 18 V VCC, VDD Supply voltage 4.5 5.5 V dVS/dt Supply voltage transient time -1 1 V/ µs VQ Output voltage static -0.3 40 V VQ Output voltage induced by inductive switching Voltage will be limited by internal Z-diode clamping 60 V VST Output voltage status -0.3 6 V IST Output current status -1 1 mA Tj Junction temperature -40 150 °C Tjc Junction temperature during clamping Σ = 30min Σ = 15min 175 190 °C ELECTRICAL CHARACTERISTCS: (Vs = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit Power Supply ISON Supply current VS ≤ 18V (outputs ON) 5mA ISOFF Quiescent current VS ≤ 18V (outputs OFF) 5mA Icc Supply current VCC (analog supply) VCC = 5V 5 mA Idd Supply current VDD (digital supply) VDD = 5V fCLK=0Hz 5 µA Idd Supply current VDD (digital supply) VDD = 5V fCLK=250kHz 5 mA General Diagnostic Functions VQU Open load voltage VS ≥ 6.5V (outputs OFF) 0.3 0.33 0.36 x VQ VthGND Signal-GND-loss threshold VCC = 5V 0.1 1 V VthPGL Power-GND-loss threshold VCC = 5V 1.5 2.5 3.5 V fCLK,min Clock frequency error 10 100 kHz DCCLKe_l ow Clock duty cycle error detection low fCLK = 250 kHz 33,3 45 % DCCLKe_ high Clock duty cycle error detection high fCLK = 250 kHz 55 66,6 % VSloss Supply detection VCC = VDD = 5V 2 4.5 V Additional Diagnostic Functions channel 1 and channel 2 (non regulated channels) IQU1,2 Open-load current channel 1, 2 VS ≥ 6.5V 50 300 mA IQO1,2 Over-load current channel 1, 2 VS ≥ 6.5V 57.5 9 A |