データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IIS2DLPC データシート(PDF) 20 Page - STMicroelectronics

部品番号 IIS2DLPC
部品情報  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC データシート(HTML) 20 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 16Page - STMicroelectronics IIS2DLPC Datasheet HTML 17Page - STMicroelectronics IIS2DLPC Datasheet HTML 18Page - STMicroelectronics IIS2DLPC Datasheet HTML 19Page - STMicroelectronics IIS2DLPC Datasheet HTML 20Page - STMicroelectronics IIS2DLPC Datasheet HTML 21Page - STMicroelectronics IIS2DLPC Datasheet HTML 22Page - STMicroelectronics IIS2DLPC Datasheet HTML 23Page - STMicroelectronics IIS2DLPC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Terminology and functionality
IIS2DLPC
20/69
DocID031788 Rev 4
3.2
Functionality
3.2.1
Operating modes
Two sets of operating modes have been designed to offer the customer a broad choice of
noise/power consumption combinations:
Low-noise disabled (see Table 11)
Low-noise enabled (see Table 12)
Writing the LOW_NOISE bit in CTRL6 (25h) selects the operating mode (low-noise).
From each of these two sets, five operating modes have been designed:
1 High-Performance Mode: focus on low noise
4 Low-Power Modes: trade-off between noise and power consumption
These operating modes are selected by writing the MODE[1:0] and LP_MODE[1:0] bits in
CTRL1 (20h).
Table 11. Operating modes - low-noise setting disabled
Parameter
High
Performance
Mode
Low-Power
Mode 4
Low-Power
Mode 3
Low-Power
Mode 2
Low-Power
Mode 1
Resolution [bit]
14-bit
14-bit
14-bit
14-bit
12-bit
ODR [Hz]
12.5 - 1600
1.6 - 200
1.6 - 200
1.6 - 200
1.6 - 200
BW [Hz]
ODR/2 (N/A
for 1600 Hz),
ODR/4,
ODR/10,
ODR/20
180
ODR/4,
ODR/10,
ODR/20
360
ODR/4,
ODR/10,
ODR/20
720
ODR/4,
ODR/10,
ODR/20
3200
ODR/4,
ODR/10,
ODR/20
Typ. noise density [μg/√Hz](1)
@ FS = ±2 g, ODR=200 Hz
110
-
-
-
-
Typ. RMS noise [mg(RMS)](1)
@ FS = ±2 g
-
1.6
2.1
3
5.5
Typ. current
consumption [μA]
@ Vdd=1.8 V(1)
ODR=1.6 Hz
-
0.65
0.55
0.45
0.38
ODR=12.5 Hz
90
4
2.5
1.6
1
ODR=25 Hz
90
8.5
4.5
3
1.5
ODR=50 Hz
90
16
9
5.5
3
ODR=100 Hz
90
32
17.5
10.5
5
ODR=200 Hz
90
63
34.5
20.5
10
ODR=400,800,
1600 Hz
90
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69