データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9963 データシート(PDF) 2 Page - STMicroelectronics

部品番号 L9963
部品情報  Automotive chip for battery management applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963 データシート(HTML) 2 Page - STMicroelectronics

  L9963 Datasheet HTML 1Page - STMicroelectronics L9963 Datasheet HTML 2Page - STMicroelectronics L9963 Datasheet HTML 3Page - STMicroelectronics L9963 Datasheet HTML 4Page - STMicroelectronics L9963 Datasheet HTML 5Page - STMicroelectronics L9963 Datasheet HTML 6Page - STMicroelectronics L9963 Datasheet HTML 7Page - STMicroelectronics L9963 Datasheet HTML 8Page - STMicroelectronics L9963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Passive balancing with programmable channel selection is offered in both normal and
low power mode (silent balance). The balancing can be terminated automatically
based on internal timer interrupt. Nine GPIOs are integrated for external monitoring
and controlling. The L9963 features a comprehensive set of fault detection and
notification functions to meet the safety standard requirements.
L9963
DB4045 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11