データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC2215-RYMLTR データシート(PDF) 14 Page - Microchip Technology

部品番号 MIC2215-RYMLTR
部品情報  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215-RYMLTR データシート(HTML) 14 Page - Microchip Technology

Back Button MIC2215-RYMLTR Datasheet HTML 10Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 11Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 12Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 13Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 14Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 15Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 16Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 17Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MIC2215
DS20006274A-page 14
 2019 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Example
16-Lead QFN*
XXXX
XXXXXX
WNNN
2215
PMMYML
7084
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22