データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP83TG720SWRHATQ1 データシート(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
部品番号 DP83TG720SWRHATQ1
部品情報  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 データシート(HTML) 90 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 86Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 87Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 88Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 89Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 90Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 91Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 92Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 93Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 199 page
background image
7.6.2.34 TDR_TC12 Register (Address = 0x30F) [reset = 0x0]
TDR_TC12 is shown in Table 7-57.
Return to the Summary Table.
Table 7-57. TDR_TC12 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R
2b00
Reserved
13-8
fault_loc
R
6b000000
See TC12
7-4
tdr_state
R
4b0000
See TC12
3-2
RESERVED
R
2b00
Reserved
1-0
tdr_activation
R
2b00
See TC12
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
90
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More