データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP11NM65N データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 STP11NM65N
部品情報  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STP11NM65N データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  STP11NM65N Datasheet HTML 1Page - Inchange Semiconductor Company Limited STP11NM65N Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
STP11NM65N
FEATURES
·
Drain Current –ID= 44A@ TC=25℃
·
Drain Source Voltage-
: VDSS= 650V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 0.455Ω(Max)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching application
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
650
V
VGS
Gate-Source Voltage-Continuous
±
25
V
ID
Drain Current-Continuous
11
A
IDM
Drain Current-Single Pluse
44
A
PD
Total Dissipation @TC=25℃
110
W
TJ
Max. Operating Junction Temperature
-55~150
Tstg
Storage Temperature
-55~150
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.14
/W


同様の部品番号 - STP11NM65N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 Ω typ., 11 A MDmesh™II Power MOSFET in DPAK, TO-220FP, I²PAKFP and TO-220 packages
15-Jul-2013
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
15-Jul-2013
logo
VBsemi Electronics Co.,...
STP11NM65N VBSEMI-STP11NM65N Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
More results

同様の説明 - STP11NM65N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com