データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADG5401F データシート(PDF) 7 Page - Analog Devices

部品番号 ADG5401F
部品情報  Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADG5401F データシート(HTML) 7 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 3Page - Analog Devices ADG5401F Datasheet HTML 4Page - Analog Devices ADG5401F Datasheet HTML 5Page - Analog Devices ADG5401F Datasheet HTML 6Page - Analog Devices ADG5401F Datasheet HTML 7Page - Analog Devices ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices ADG5401F Datasheet HTML 10Page - Analog Devices ADG5401F Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADG5401F
Rev. 0 | Page 7 of 32
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ID
With Overvoltage
±0.1
nA typ
VDD = 22 V, VSS = −22 V,
GND = 0 V, VS = ±58 V
±0.3
±5
±55
nA max
Power Supplies Grounded
±0.1
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V,
VS = ±60 V, IN = 0 V
±0.3
±5
±55
nA max
Power Supplies Floating
±2
µA typ
VDD = floating, VSS = floating,
GND = 0 V, VS = ±60 V, IN = 0 V
DIGITAL INPUTS/OUTPUTS
VINH
1.3
V min
VINL
0.8
V max
IINL or IINH
2.5
µA typ
VIN = 0 V or 5 V
5
µA max
CIN
5
pF typ
VOL
0.4
V max
IFF = 2 mA
DYNAMIC CHARACTERISTICS
tON
15.9
µs typ
RL = 300 Ω, CL = 35 pF, VS = 10 V
19.1
19.3
19.4
µs max
tOFF
180
ns typ
RL = 300 Ω, CL = 35 pF, VS = 10 V
210
220
220
ns max
tRESPONSE
Positive
230
ns typ
RL = 1 kΩ, CL = 5 pF
230
230
230
ns max
Negative
0.7
µs typ
RL = 1 kΩ, CL = 5 pF
0.9
0.9
1
µs max
tRECOVERY
13.8
µs typ
RL = 1 kΩ, CL = 5 pF
16.8
16.9
16.9
µs max
tDIGRESP
80
ns typ
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V
90
95
100
ns max
tDIGREC
1.9
µs typ
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V
2.4
2.6
2.6
µs max
QINJ
−270
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz
THD + N
0.001
% typ
RL = 10 kΩ, VS = 10 V p-p,
f = 20 Hz to 20 kHz
−3 dB Bandwidth
450
MHz typ
RL = 50 Ω, CL = 5 pF
Insertion Loss
−0.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz
CS (Off)
8
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
10
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
18
pF typ
VS = 0 V, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32