| データシートサーチシステム |
|
LM393DGKRG4 データシート(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM393DGKRG4 データシート(HTML) 29 Page - Texas Instruments |
|
29 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 4-Oct-2020 Addendum-Page 5 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM393DG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 LM393DGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (M9P, M9S, M9U) LM393DGKRG4 ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 (M9P, M9S, M9U) LM393DR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM393 LM393DRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 LM393DRG3 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM 0 to 70 LM393 LM393DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 LM393P ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU | SN N / A for Pkg Type 0 to 70 LM393P LM393PE3 ACTIVE PDIP P 8 50 Pb-Free (RoHS) SN N / A for Pkg Type 0 to 70 LM393P LM393PE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 LM393P LM393PSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PW ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWG4 ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L393 LM393PWRG3 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM 0 to 70 L393 LM393PWRG4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393 PLM2903BIDDFR ACTIVE SOT-23-THIN DDF 8 3000 TBD Call TI Call TI -40 to 125 |