| データシートサーチシステム |
|
EVALKIT-ROBOT-1 データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EVALKIT-ROBOT-1 データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 15 page ![]() 2 Waste and Recycling The evaluation board is not to be disposed of as urban waste. At the end of its life cycle, differentiated waste collection must be followed. Consult the local authorities for more information on the proper disposal channels and recycling centers. It is mandatory to collect separately the evaluation board and make sure it is delivered to the appropriate waste management and recycling centers. As of 15 August 2018, in all countries belonging to the European Union, the evaluation board is subject to the requirements of WEEE Directive 2012/19/EU, and therefore it is forbidden to dispose of the evaluation board as undifferentiated waste or with other domestic waste. Incorrect disposal of the evaluation board may cause damage to the environment and may incur fines based on specific countries’ rules, regulations, and laws. EVALKIT-ROBOT-1 Waste and Recycling DB4049 - Rev 3 page 10/15 |